Part Number Hot Search : 
KA3843AM CMDD6001 1040C 05M76 00266 DC24V LP2951CM 7C1020V
Product Description
Full Text Search
 

To Download REC5-1233SRWH4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

UL-60950-1 / CSA C22.2 certified 5W DIP Package 4kVDC & 6kVDC Isolation Regulated Output Continuous Short Circuit Protection Auto-Restarting Wide Input 2:1 & 4:1 UL94V-0 Package Material Cost Effective 100% Burned In Efficiency to 86%
ECONOLINE
DC/DC-Converter
REC5S_DRW/H4, H6 Series
Efficiency (%) 75-77 79-81 82-83 84-85 85-86 79-81 84-85 85-86 75-76 81-82 82-83 83-84 84-85 81-82 82-83 84-85
Selection Guide
Part Number DIP24 REC5-xx3.3SRW (H4/H6) REC5-xx05SRW (H4/H6) REC5-xx09SRW (H4/H6) REC5-xx12SRW (H4/H6) REC5-xx15SRW (H4/H6) REC5-xx05DRW (H4/H6) REC5-xx12DRW (H4/H6) REC5-xx15DRW (H4/H6) REC5-xx3.3SRWZ (H4/H6) REC5-xx05SRWZ (H4/H6) REC5-xx09SRWZ (H4/H6) REC5-xx12SRWZ (H4/H6) REC5-xx15SRWZ (H4/H6) REC5-xx05DRWZ (H4/H6) REC5-xx12DRWZ (H4/H6) REC5-xx15DRWZ (H4/H6) 2:1 Input (REC5-S/DRWH4/H6) xx = 9-18Vin = 12 xx = 18-36Vin = 24 xx = 36-72Vin = 48 Input Voltage (VDC) 9 - 18, 18 - 36, 36 - 72 9 - 18, 18 - 36, 36 - 72 9 - 18, 18 - 36, 36 - 72 9 - 18, 18 - 36, 36 - 72 9 - 18, 18 - 36, 36 - 72 9 - 18, 18 - 36, 36 - 72 9 - 18, 18 - 36, 36 - 72 9 - 18, 18 - 36, 36 - 72 9 - 36**, 18 - 72 9 - 36**, 18 - 72 9 - 36**, 18 - 72 9 - 36**, 18 - 72 9 - 36**, 18 - 72 9 - 36**, 18 - 72 9 - 36**, 18 - 72 9 - 36**, 18 - 72 Output Voltage (VDC) 3.3 5 9 12 15 5 12 15 3.3 5 9 12 15 5 12 15 Output Current (mA) 1200 1000 556 420 340 500 210 170 1200 1000 556 420 340 500 210 170
5 Watt DIP24 / SMD Single & Dual Output
4:1 Input (REC5-S/DRWZ(H4/H6)) xx = 9-36Vin = 24 xx = 18-72Vin = 48
* add suffix "/H4" for 4kVDC isolation and "/H6" for 6kVDC isolation A C add suffix "/A" or "/C" for Pinning, see next page M add suffix "/M" for metal case e.g. REC5-xxxxSRW(Z)H4/A/M = 4kVDC isol. / Pinout "A" / metal case ** 24V 4:1 Wide Range Input Types (REC5-24xxS/DRWZ(H4/H6)) should be derated while 9 Vin : 3.3Vout / 1100mA, 5Vout / 900mA.
Notes :
M S 1. If the options "/M" for metal case and "/SMD" for SMD pinout are combined the maximum allowed isolation voltage is 2kVDC because of the shoter distances between pins and metal-case so only available SMD-optiH on in metal-case is "/H2". DIP-24 through-hole case and SMD-plastic case are not affected and offer the desired isolation barriers of 4kVDC for "/H4" option and 6kVDC for "/H6".
Description
This series offers high isolation of 4kVDC (= option "H4") or 6kVDC (= option "H6") making it ideal for medical applications and other sophisticated industrial applications. UL-1950 approval of this series is is applied for. Packaging can be either DIP-24 non-conductive plastic or 5-side-shielded DIP24 metal case (= option "M") as well as DIP24-SMD case (= option "SMD"). For all the above variants, 2 industry-standard-pinouts (= option "A" or "C") are available.
www.recom-international.com
April-2005
105
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Regulation (HL-LL)
REC5-S_DRW/H4,H6 Series
2:1 & 4:1 2% max. 0.3% max. 0.6% max. 50mVp-p max. 120kHz typ. 200kHz typ. Pi Network see above
Load Regulation (for output load current change from 20% to 100%) Output Ripple and Noise (0,1F capacitor on output, 20MHz BW) Operating Frequency at Full Load 2:1 input (at nominal input voltage) 4:1 input Input Filter Efficiency at Full Load
Derating-Graph
(Ambient Temperature)
Isolation Voltage SMD Pinout and metal case (see note1) (tested for 1 second) 2.000VDC min. Rated Working Voltage (long term isolation) see Application Notes Isolation Voltage H4 types Rated Working Voltage Isolation Voltage H6 types Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection Operating Temperature (free air convection) Storage Temperature Range Relative Humidity Case Material Thermal Impedance Package Weight MTBF (+25C) (+75C) Natural convection MSL Level 1 (tested for 1 second) (long term isolation) (tested for 1 second) (long term isolation) 4.000VDC min. see Application Notes 6.000VDC min. see Application Notes 60pF typ. 1 G min. Continuous, Auto Restart -25C to +75C (see Graph) -55C to +125C 95% RH Non-Conductive Plastic 20C/W for metal case 13 g using MIL-HDBK 217F Detailed Information see Application Notes chapter "MTBF" using MIL-HDBK 217F 850 x 10 hours 206 x 103hours
3
100 80
Output Power (%)
(3W) 60
(2W) 40 20 0
Safe Operating Area
-25
75 100 125 105 95 Operating Temperature C
0
25
50
}
Typical Characteristics
Single
Efficiency / Load
100 80 60 40
Single
Efficiency / Load
100 80 60
1212
1209
2412
2405
1205
123.3 Efficiency %
40 20 0
243.3
Efficiency %
20 0
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
Single
Efficiency / Load
100 80 60 40
Dual
Efficiency / Load
100 80 60
4805
4812
1209
2415 4812 2405
483.3 Efficiency %
40 20 0
Efficiency %
20 0
1215
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
106
April-2005
www.recom-international.com
ECONOLINE
DC/DC-Converter
REC5-S_DRW/H4,H6 Series
20.30 10.20 3.81
Package Style and Pinning (mm) DIP 24 , Wide Input 2:1 & 4:1 Package A
32.00
3rd angle projection
Pin Connections Pin # Single -Vin -Vin NC NC +Vout - Vout +Vin +Vin Dual -Vin -Vin Com -Vout +Vout Com +Vin +Vin
4.60
0.51
15.24
2 3 9 11 14 16 22 23 2.54
Top View
Recommended Footprint Details
1.00 o+0.15/0
23 Bottom View 23 22 16 14 9 11
NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm
2.54
Package C
32.00 10.20 3.81 2.06 0.51
20.30 Pin Connections Pin # 15.24 1 2 10 11 12 13 15 23 24
15 13 Top View
Single +Vin +Vin NC NC -Vout + Vout NC -Vin -Vin
Dual +Vin +Vin Com Com NC -Vout +Vout -Vin -Vin
Recommended Footprint Details
1.00 o+0.15/0
12 Bottom View 24 23 10 11 12
2.54
NC = No Connection XX.X 0.5 mm XX.XX 0.25 mm
2.54
Mechanical drawings of DIP24 SMD case
32.00 31.40 11.20 10.90 3.81 6.35 20.30 25.40 19.90
2.54
Recommended Footprint Details
Pin area 0.1 x 0.50
12345
0.50
9 10 11 12
2.54
1.54 2.03
23.40
Bottom View
24 23 22 21 20 16 15 14 13
26.67 24.64
1
Top View
Tol.: 0.35 mm
11 x 2.54
27.94
for all packages incl.SMD case the length of plastic case is 31,8mm, length of metal case 32.0mm
www.recom-international.com April-2005 107


▲Up To Search▲   

 
Price & Availability of REC5-1233SRWH4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X